Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
Figure 11. Case Temperature Measurement Point
Host Supply
Module Vcc
10
µF
0.1
µF
68
µH
Host Supply
Module Vcc
10
µF
0.1
µF
68
µH
Figure 12. Recommended Tx Power Supply Filter
Figure 13. Recommended Rx Power Supply Filter
Figure 14. Differential Signal Definitions
Figure 15. Transmitter Data Input Equivalent Circuit
Receiver
Doutp
Doutn
∆VDO
+
-
∆VDI/OH
∆VDI/OL
∆VDI/Opp
-
+
+
-
Transmitter
Dinp
Dinn
∆VDI
VDI/O refers to either VDI
or VDO as appropriate.
∆VDI/OL
VDI/Op
VDI/On
∆VDI/OH
Din p
150 k
Ω
VCC 33
Din n
VCC 33
GND
GND
150 k
Ω
100 k
Ω
GND
100 k
Ω
50
Ω
50
Ω
35 pF
35 pF
70 pF
VCC 25
VCC 25
Figure 16. Receiver Data Output Equivalent Circuit
Figure 17. TWS Interface Bus Timing
Dout p
GND
50
Ohms
Dout n
50
Ohms
VCC 25
tSU:SDA
tHD:SDA
SCL
tfSDA
SDA in
SDA out
trSDA
trSCL
tfSCL
tAA
tDH
Case Temperature
Measurement Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com