Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 29 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 29 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
Address
Type
Field Name/Description
Byte
Bit
24
7
RO
High Tx Power Alarm Latched Channel 7: Coded 1 when asserted, Latched, Clears on Read.
24
6
RO
Low Tx Power Alarm Latched Channel 7: Coded 1 when asserted, Latched, Clears on Read.
24
5-4
RO
Reserved
24
3
RO
High Tx Power Alarm Latched Channel 6: Coded 1 when asserted, Latched, Clears on Read.
24
2
RO
Low Tx Power Alarm Latched Channel 6: Coded 1 when asserted, Latched, Clears on Read.
24
1-0
RO
Reserved
25
7
RO
High Tx Power Alarm Latched Channel 5: Coded 1 when asserted, Latched, Clears on Read.
25
6
RO
Low Tx Power Alarm Latched Channel 5: Coded 1 when asserted, Latched, Clears on Read.
25
5-4
RO
Reserved
25
3
RO
High Tx Power Alarm Latched Channel 4: Coded 1 when asserted, Latched, Clears on Read.
25
2
RO
Low Tx Power Alarm Latched Channel 4: Coded 1 when asserted, Latched, Clears on Read.
25
1-0
RO
Reserved
26
7
RO
High Tx Power Alarm Latched Channel 3: Coded 1 when asserted, Latched, Clears on Read.
26
6
RO
Low Tx Power Alarm Latched Channel 3: Coded 1 when asserted, Latched, Clears on Read.
26
5-4
RO
Reserved
26
3
RO
High Tx Power Alarm Latched Channel 2: Coded 1 when asserted, Latched, Clears on Read.
26
2
RO
Low Tx Power Alarm Latched Channel 2: Coded 1 when asserted, Latched, Clears on Read.
26
1-0
RO
Reserved
27
7
RO
High Tx Power Alarm Latched Channel 1: Coded 1 when asserted, Latched, Clears on Read.
27
6
RO
Low Tx Power Alarm Latched Channel 1: Coded 1 when asserted, Latched, Clears on Read.
27
5-4
RO
Reserved
27
3
RO
High Tx Power Alarm Latched Channel 0: Coded 1 when asserted, Latched, Clears on Read.
27
2
RO
Low Tx Power Alarm Latched Channel 0: Coded 1 when asserted, Latched, Clears on Read.
27
1-0
RO
Reserved
28
all
RO
Internal Temperature Monitor MSB: Integer part coded in signed 2’s complement. Tolerance is ± 3°C.
29
all
RO
Internal Temperature Monitor LSB: Fractional part in units of 1°/256 coded in binary.
30-31
all
RO
Reserved: Coded 00h
32-33
all
RO
Internal 3.3 Vcc Monitor: Voltage in 100 μV units coded as 16 bit unsigned integer, Byte 32 is MSB. Tolerance is
± 0.150V.
34-35
all
RO
Internal 2.5 Vcc Monitor: Voltage in 100 μV units coded as 16 bit unsigned integer, Byte 34 is MSB. Tolerance is
± 0.150V.
36-39
all
RO
Reserved: Coded 00h
40-41
all
RO
Tx Bias Current Monitor Channel 11: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 40 is MSB.
Tolerance is ± 0.50 mA.
42-43
all
RO
Tx Bias Current Monitor Channel 10: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 42 is MSB.
Tolerance is ± 0.50 mA.
44-45
all
RO
Tx Bias Current Monitor Channel 9: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 44 is MSB.
Tolerance is ± 0.50 mA.
46-47
all
RO
Tx Bias Current Monitor Channel 8: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 46 is MSB.
Tolerance is ± 0.50 mA.
48-49
all
RO
Tx Bias Current Monitor Channel 7: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 48 is MSB.
Tolerance is ± 0.50 mA.
50-51
all
RO
Tx Bias Current Monitor Channel 6: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 50 is MSB.
Tolerance is ± 0.50 mA.
52-53
all
RO
Tx Bias Current Monitor Channel 5: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 52 is MSB.
Tolerance is ± 0.50 mA.
54-55
all
RO
Tx Bias Current Monitor Channel 4: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 54 is MSB.
Tolerance is ± 0.50 mA.
56-57
all
RO
Tx Bias Current Monitor Channel 3: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 56 is MSB.
Tolerance is ± 0.50 mA.
58-59
all
RO
Tx Bias Current Monitor Channel 2: Bias current in 2 µA units coded as 16 bit unsigned integer, Byte 58 is MSB.
Tolerance is ± 0.50 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com