Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 32 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 32 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 34Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 36Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
Address
Type
Field Name/Description
Byte
Bit
116
7
RWv
Mask High Internal Temperature Alarm: Writing 1 Prevents IntL generation, Default = 0
116
6
RWv
Mask Low Internal Temperature Alarm: Writing 1 Prevents IntL generation, Default = 0
116
5-0
RWv
Reserved
117
7
RWv
Mask High Internal 3.3 Vcc Alarm: Writing 1 Prevents IntL generation, Default = 0
117
6
RWv
Mask Low Internal 3.3 Vcc Alarm: Writing 1 Prevents IntL generation, Default = 0
117
5-4
RWv
Reserved
117
3
RWv
Mask High Internal 2.5 Vcc Alarm: Writing 1 Prevents IntL generation, Default = 0
117
2
RWv
Mask Low Internal 2.5 Vcc Alarm: Writing 1 Prevents IntL generation, Default = 0
117
1-0
RWv
Reserved
118
all
RWv
TX output power alarm level select. Custom=01h, Factory Default=0
119-120
all
RW
Tx Optical Power All Channels Custom High Alarm Threshold: Optical power in 0.1 uW units coded as 16 bit un-
signed integer, low address is MSB
121-122
all
RW
TX Optical Power All Channels Custom Low Alarm Threshold: Optical power in 0.1 uW units coded as 16 bit un-
signed integer, low address is MSB
123-126
all
RW
Reserved: Coded 00h
127
all
RWv
Page Select Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com