Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 20 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 20 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
Package Outline, Host PCB Footprint and Panel Cutout
Figure 23. Package Outline AFBR-810BHZ and AFBR-820BHZ
Package outline dimensions are nominal expressed in mm unless otherwise stated. The mating host PCB mounted
electrical connector is a 100 position FCI MEG-ArrayPlug (FCI PN: 84512-102) or equivalent.
14.34
17.50
41.07 ref.
8.95
32.12
24.4
7.56
12.90
threaded #2-56
3.8mm deep
3 plc’s
Pin A1 Location
Pin A1 Location
bottom view Tx
channel 0
channel 11
4.1
2.0
bottom view Rx
8.63
to OCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com