Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 31 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 31 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 34Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
31
Address
Type
Field Name/Description
Byte
Bit
95
7
RWv
Squelch Disable Channel 7: Writing 1 inhibits squelch for the channel, Default is 0.
95
6
RWv
Squelch Disable Channel 6: Writing 1 inhibits squelch for the channel, Default is 0.
95
5
RWv
Squelch Disable Channel 5: Writing 1 inhibits squelch for the channel, Default is 0.
95
4
RWv
Squelch Disable Channel 4: Writing 1 inhibits squelch for the channel, Default is 0.
95
3
RWv
Squelch Disable Channel 3: Writing 1 inhibits squelch for the channel, Default is 0.
95
2
RWv
Squelch Disable Channel 2: Writing 1 inhibits squelch for the channel, Default is 0.
95
1
RWv
Squelch Disable Channel 1: Writing 1 inhibits squelch for the channel, Default is 0.
95
0
RWv
Squelch Disable Channel 0: Writing 1 inhibits squelch for the channel, Default is 0.
96-98
all
RWv
Reserved: Coded 00h
99
7-4
RWv
Reserved: Coded 0000b
99
3
RWv
Margin Activation Channel 11: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
99
2
RWv
Margin Activation Channel 10: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
99
1
RWv
Margin Activation Channel 9: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
0
RWv
Margin Activation Channel 8: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
7
RWv
Margin Activation Channel 7: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
6
RWv
Margin Activation Channel 6: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
5
RWv
Margin Activation Channel 5: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
4
RWv
Margin Activation Channel 4: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
3
RWv
Margin Activation Channel 3: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
2
RWv
Margin Activation Channel 2: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
1
RWv
Margin Activation Channel 1: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
100
0
RWv
Margin Activation Channel 0: Writing 1places channel into Margin mode (Reduces OMA by 1 dB), Default is 0.
101-105
all
RWv
Reserved: Coded 00h
106-111
all
RWv
Reserved: Coded 00h
112
7-4
RWv
Reserved: Coded 0000b
112
3
RWv
Mask LOS Tx Channel 11: Writing 1 Prevents IntL generation, Default = 0
112
2
RWv
Mask LOS Tx Channel 10: Writing 1 Prevents IntL generation, Default = 0
112
1
RWv
Mask LOS Tx Channel 9: Writing 1 Prevents IntL generation, Default = 0
112
0
RWv
Mask LOS Tx Channel 8: Writing 1 Prevents IntL generation, Default = 0
113
7
RWv
Mask LOS Tx Channel 7: Writing 1 Prevents IntL generation, Default = 0
113
6
RWv
Mask LOS Tx Channel 6: Writing 1 Prevents IntL generation, Default = 0
113
5
RWv
Mask LOS Tx Channel 5: Writing 1 Prevents IntL generation, Default = 0
113
4
RWv
Mask LOS Tx Channel 4: Writing 1 Prevents IntL generation, Default = 0
113
3
RWv
Mask LOS Tx Channel 3: Writing 1 Prevents IntL generation, Default = 0
113
2
RWv
Mask LOS Tx Channel 2: Writing 1 Prevents IntL generation, Default = 0
113
1
RWv
Mask LOS Tx Channel 1: Writing 1 Prevents IntL generation, Default = 0
113
0
RWv
Mask LOS Tx Channel 0: Writing 1 Prevents IntL generation, Default = 0
114
7-4
RWv
Reserved: Coded 0000b
114
3
RWv
Mask Fault Tx Channel 11: Writing 1 Prevents IntL generation, Default = 0
114
2
RWv
Mask Fault Tx Channel 10: Writing 1 Prevents IntL generation, Default = 0
114
1
RWv
Mask Fault Tx Channel 9: Writing 1 Prevents IntL generation, Default = 0
114
0
RWv
Mask Fault Tx Channel 8: Writing 1 Prevents IntL generation, Default = 0
115
7
RWv
Mask Fault Tx Channel 7: Writing 1 Prevents IntL generation, Default = 0
115
6
RWv
Mask Fault Tx Channel 6: Writing 1 Prevents IntL generation, Default = 0
115
5
RWv
Mask Fault Tx Channel 5: Writing 1 Prevents IntL generation, Default = 0
115
4
RWv
Mask Fault Tx Channel 4: Writing 1 Prevents IntL generation, Default = 0
115
3
RWv
Mask Fault Tx Channel 3: Writing 1 Prevents IntL generation, Default = 0
115
2
RWv
Mask Fault Tx Channel 2: Writing 1 Prevents IntL generation, Default = 0
115
1
RWv
Mask Fault Tx Channel 1: Writing 1 Prevents IntL generation, Default = 0
115
0
RWv
Mask Fault Tx Channel 0: Writing 1 Prevents IntL generation, Default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com