Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 34 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 34 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 34Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 36Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 37Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 38Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
5. Tx Memory Map 01h Upper Page
Details of transmitter upper page 01h follow.
Address
Type
Field Name/Description
Byte
Bit
128
all
RO
Internal Temperature High Alarm Threshold MSB: Integer part coded in signed 2’s complement
129
all
RO
Internal Temperature High Alarm Threshold LSB: Fractional part in units of 1°/256 coded in binary.
130
all
RO
Internal Temperature Low Alarm Threshold MSB: Integer part coded in signed 2’s complement
131
all
RO
Internal Temperature Low Alarm Threshold LSB: Fractional part in units of 1°/256 coded in binary.
132-143
all
RO
Reserved: Coded 00h
144-145
all
RO
Internal 3.3 Vcc High Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
146-147
all
RO
Internal 3.3 Vcc Low Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
148-151
all
RO
Reserved
152-153
all
RO
Internal 2.5 Vcc High Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
154-155
all
RO
Internal 2.5 Vcc Low Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
156-159
all
RO
Reserved
160-175
all
RO
Thresholds Reserved: Coded 00h
176-177
all
RO
Tx Bias Current All Channels High Alarm Threshold: Current in 2 µA units coded as 16 bit unsigned integer,
low address is MSB.
178-179
all
RO
Tx Bias Current All Channels Low Alarm Threshold: Current in 2 µA units coded as 16 bit unsigned integer,
low address is MSB.
180-183
all
RO
Reserved
184-185
all
RO
Tx Optical Power All Channels High Alarm Threshold: Optical power in 0.1 µW units coded as 16 bit unsigned
integer, low address is MSB.
186-187
all
RO
Tx Optical Power All Channels Low Alarm Threshold: Optical power in 0.1 µW units coded as 16 bit unsigned
integer, low address is MSB.
188-223
all
RO
Thresholds Reserved: Coded 00h
224
all
RO
Check sum: Low order 8 bits of the sum of all bytes from 128 through 223 inclusive
225
7-1
RWn
Reserved: Coded 0000000b
225
0
RWn
IntL Pulse/Static Option: Writing 1 sets IntL to Static mode, Default is 0 for Pulse mode
226
7-4
RWn
Reserved: Coded 0000b
226
3
RWn
Input Polarity Flip Channel 11: Writing 1 inverts truth of the differential input pair, Default is 0.
226
2
RWn
Input Polarity Flip Channel 10: Writing 1 inverts truth of the differential input pair, Default is 0.
226
1
RWn
Input Polarity Flip Channel 9: Writing 1 inverts truth of the differential input pair, Default is 0.
226
0
RWn
Input Polarity Flip Channel 8: Writing 1 inverts truth of the differential input pair, Default is 0.
227
7
RWn
Input Polarity Flip Channel 7: Writing 1 inverts truth of the differential input pair, Default is 0.
227
6
RWn
Input Polarity Flip Channel 6: Writing 1 inverts truth of the differential input pair, Default is 0.
227
5
RWn
Input Polarity Flip Channel 5: Writing 1 inverts truth of the differential input pair, Default is 0.
227
4
RWn
Input Polarity Flip Channel 4: Writing 1 inverts truth of the differential input pair, Default is 0.
227
3
RWn
Input Polarity Flip Channel 3: Writing 1 inverts truth of the differential input pair, Default is 0.
227
2
RWn
Input Polarity Flip Channel 2: Writing 1 inverts truth of the differential input pair, Default is 0.
227
1
RWn
Input Polarity Flip Channel 1: Writing 1 inverts truth of the differential input pair, Default is 0.
227
0
RWn
Input Polarity Flip Channel 0: Writing 1 inverts truth of the differential input pair, Default is 0.
228
7-4
RWn
Tx Input Equalization Control Channel 11: See below for code description. Default = 7
228
3-0
RWn
Tx Input Equalization Control Channel 10: See below for code description. Default = 7
229
7-4
RWn
Tx Input Equalization Control Channel 9: See below for code description. Default = 7
229
3-0
RWn
Tx Input Equalization Control Channel 8: See below for code description. Default = 7
230
7-4
RWn
Tx Input Equalization Control Channel 7: See below for code description. Default = 7
230
3-0
RWn
Tx Input Equalization Control Channel 6: See below for code description. Default = 7
231
7-4
RWn
Tx Input Equalization Control Channel 5: See below for code description. Default = 7
231
3-0
RWn
Tx Input Equalization Control Channel 4: See below for code description. Default = 7
232
7-4
RWn
Tx Input Equalization Control Channel 3: See below for code description. Default = 7
232
3-0
RWn
Tx Input Equalization Control Channel 2: See below for code description. Default = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com