Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 22 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 22 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
Figure 25. Host Board Module Footprint (Top View) and Module (Side View) – Mid-Plane Mount
Dimensions are nominal expressed in mm unless otherwise stated. The mating host PCB mounted electrical connector
is a 100 position FCI MEG-ArrayPlug (FCI PN: 84512-102) or equivalent.
(3x)
(3x) ø 4.17
keep out
ø 2.69
(# 2 screw)
(2x) ø 2.54
keep out
(2x) ø 1.70
end of module ref.
8.95
end of module ref.
32.12
30.23
10.80
100 pin FCI
MEG-Array®
receptacle foot print
Pin A1
5.715
5.715
13.72
18.70
ref
Note: orientation of receptacle
is rotated between Tx and Rx
50
keep out far connector
4.06 ref.
12.90 ref.
shown without heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com