Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 42 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 42 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 38Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 39Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
8. Rx Memory Map 01h Upper Page
Details of receiver upper page 01h follow.
Address
Type
Field Name/Description
Byte
Bit
128
all
RO
Internal Temperature High Alarm Threshold MSB: Integer part coded in signed 2’s complement
129
all
RO
Internal Temperature High Alarm Threshold LSB: Fractional part in units of 1°/256 coded in binary.
130
all
RO
Internal Temperature Low Alarm Threshold MSB: Integer part coded in signed 2’s complement
131
all
RO
Internal Temperature Low Alarm Threshold LSB: Fractional part in units of 1°/256 coded in binary.
132-143
all
RO
Reserved
144-145
all
RO
Internal 3.3 Vcc High Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
146-147
all
RO
Internal 3.3 Vcc Low Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
148-151
all
RO
Reserved
152-153
all
RO
Internal 2.5 Vcc High Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
154-155
all
RO
Internal 2.5 Vcc Low Alarm Threshold: Voltage in 100 µV units coded as 16 bit unsigned integer, low address is MSB.
156-159
all
RO
Reserved
160-183
all
RO
Thresholds Reserved: Coded 00h
184-185
all
RO
Rx Optical Power All Channels High Alarm Threshold: Optical power in 0.1 μW units coded as 16 bit unsigned
integer, low address is MSB.
186-187
all
RO
Rx Optical Power All Channels Low Alarm Threshold: Optical power in 0.1 μW units coded as 16 bit unsigned
integer, low address is MSB.
188-223
all
RO
Thresholds Reserved: Coded 00h
224
all
RO
Check sum: Low order 8 bits of the sum of all bytes from 128 through 223 inclusive
225
7-1
RWn
Reserved: Coded 0000000b
225
0
RWn
IntL Pulse/Static Option: Writing 1 sets IntL to Static mode, Default is 0 for Pulse mode
226
7-4
RWn
Reserved: Coded 0000b
226
3
RWn
Output Polarity Flip Channel 11: Writing 1 inverts truth of the differential output pair, Default is 0.
226
2
RWn
Output Polarity Flip Channel 10: Writing 1 inverts truth of the differential output pair, Default is 0.
226
1
RWn
Output Polarity Flip Channel 9: Writing 1 inverts truth of the differential output pair, Default is 0.
226
0
RWn
Output Polarity Flip Channel 8: Writing 1 inverts truth of the differential output pair, Default is 0.
227
7
RWn
Output Polarity Flip Channel 4: Writing 1 inverts truth of the differential output pair, Default is 0.
227
6
RWn
Output Polarity Flip Channel 6: Writing 1 inverts truth of the differential output pair, Default is 0.
227
5
RWn
Output Polarity Flip Channel 5: Writing 1 inverts truth of the differential output pair, Default is 0.
227
4
RWn
Output Polarity Flip Channel 4: Writing 1 inverts truth of the differential output pair, Default is 0.
227
3
RWn
Output Polarity Flip Channel 3: Writing 1 inverts truth of the differential output pair, Default is 0.
227
2
RWn
Output Polarity Flip Channel 2: Writing 1 inverts truth of the differential output pair, Default is 0.
227
1
RWn
Output Polarity Flip Channel 1: Writing 1 inverts truth of the differential output pair, Default is 0.
227
0
RWn
Output Polarity Flip Channel 0: Writing 1 inverts truth of the differential output pair, Default is 0.
228
7-4
RWn
Rx Output Amplitude Control: Channel 11. See below for code description. Default = 5
228
3-0
RWn
Rx Output Amplitude Control: Channel 10. See below for code description. Default = 5
229
7-4
RWn
Rx Output Amplitude Control: Channel 9. See below for code description. Default = 5
229
3-0
RWn
Rx Output Amplitude Control: Channel 8. See below for code description. Default = 5
230
7-4
RWn
Rx Output Amplitude Control: Channel 7. See below for code description. Default = 5
230
3-0
RWn
Rx Output Amplitude Control: Channel 6. See below for code description. Default = 5
231
7-4
RWn
Rx Output Amplitude Control: Channel 5. See below for code description. Default = 5
231
3-0
RWn
Rx Output Amplitude Control: Channel 4. See below for code description. Default = 5
232
7-4
RWn
Rx Output Amplitude Control: Channel 3. See below for code description. Default = 5
232
3-0
RWn
Rx Output Amplitude Control: Channel 2. See below for code description. Default = 5
233
7-4
RWn
Rx Output Amplitude Control: Channel 1. See below for code description. Default = 5
233
3-0
RWn
Rx Output Amplitude Control: Channel 0. See below for code description. Default = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com