Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 44 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 44 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
44
A-D COMPARATOR
A-D comparator consists of 6-bit D-A converter and comparator. A-D
comparator block diagram is shown in Figure 40.
The reference voltage “Vref” for D-A conversion is set by bits 0 to 5 of
the A-D control register 2 (address 020A16).
The comparison result of the analog input voltage and the reference
voltage “Vref” is stored in bit 4 of the A-D control register 1 (address
00EF16).
For A-D comparison, set “0” to corresponding bits of the direction
register to use ports as analog input pins. Write the data for select of
analog input pins to bits 0 to 2 of the A-D control register 1 and write
the digital value corresponding to Vref to be compared to the bits 0 to
5 A-D control register 2. The voltage comparison starts by writing to
the A-D control register 2, and it is completed after 16 machine cycles
(NOP instruction ! 8).
Fig. 40. A-D Comparator Block Diagram
A-D control register 1
Bits 0 to 2
Comparator control
Data bus
Bit 4
Switch tree
A-D control register 2
Resistor ladder
Compa-
rator
Analog
signal
switch
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A-D control register 1
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com