Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
27
Fig. 20. Serial I/O Mode Register
Fig. 21. Serial I/O Control Register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O mode register (SM) [Address 00DE16]
B
Name
Functions
After reset RW
Serial I/O Mode Register
0, 1 Internal synchronous
clock selection bits
(SM0, SM1)
(See note 1)
b1 b0
0 0: f(XIN)/4 or f(XCIN)/4
0 1: f(XIN)/16 or f(XCIN)/16
1 0: f(XIN)/32 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/64
2
Synchronous clock
selection bit (SM2)
3, 7 Ports P40, P41
function selection
bits (SM3, SM7)
P40/SOUT2/
SDA3/XCIN
P40
SOUT2
SDA3
0: External clock
1: Internal clock
0
0
0
RW
RW
RW
4, 6 Ports P42, P43
function selection bits
(SM4, SM6)
5
Transfer direction
selection bit (SM5)
0: LSB first
1: MSB first
0R W
P41/SCLK2/
SCL3/XCOUT
P41
SCLK2
SCL3
b7
!
0
1
b3
0
1
P42/SIN2/
SDA2/AD8
P42
SDA2
P42
SDA2
0R W
P43/SRDY2/
SCL2/AD7
P43
SRDY2
SDA2
b6
0
1
0
1
b4
0
1
Notes 1: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU
mode register.
2: When using ports P4 0–P43 as serial I/O pins, set bit 1 of
the serial control register to “1.”
(See note 2)
(See note 2)
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O control register (SIC) [Address 0207 16]
B
Name
Functions
After reset RW
Serial I/O Control Register
0
Input signal to sift
register selection bit
(SIC0)
CSIO b0
0 0: Input signal from S IN1
0 1: Input signal from S OUT1
(See note 1)
1 0: Input signal from S IN2
1 1: Input signal from S OUT2
(See note 1)
1
Serial I/O pin switch
bit (CSIO)
0: SOUT1,SCLK1, SIN1, SRDY1
1: SOUT2,SCLK2, SIN2, SRDY2
0
0
RW
RW
Notes 1: When inputting data from the S out pin, set “FF16” to the serial
I/O register.
2: When using ports P4 4–P47 as serial I/O pins, set bit 1 of the
serial I/O control register to “0.”
3, 7 Ports P47 function
selection bits
(SM3, SM7)
(See note 2)
P47/SRDY1/PWM8
P47
SRDY1
PWM8
0R W
4, 5 Ports P44, P45
function selection bits
(SM4, SM6)
(See note 2)
6
Ports P46 function
selection bits
(SIC6)
(See note 2)
b7
0
1
b3
!
0
1
P44/SOUT1/
SDA1
P44
SOUT1
SDA1
0R W
P45/SCLK1/
SCL1
P45
SCLK1
SCL1
b5
0
1
b4
!
0
1
P46/SIN1/PWM9
P46
PWM9
0R W
b6
0
1
2
I2C-BUS connection
ports switch bit
(SIC2)
0: SDA2, SCL2, SDA1, SCL1
1: SDA3, SCL3
0R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com