Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 58 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 58 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
58
(5) Color Registers
The color of a displayed character can be specified by setting the
color to one of the 4 registers (CO0 to CO3: addresses 00E616 to
00E916) and then specifying that color register with the CRT display
RAM. There are 4 color outputs; R, G, B and I. By using a combina-
tion of these outputs, it is possible to set 24–1 (when no output) = 15
colors. However, since only 4 color registers are available, up to 4
colors can be disabled at one time.
R, G, B and I outputs are set by using bits 0 to 3 in the color register.
Bit 5 is used to specify whether a character output or blank output.
Bits 4, 6 and 7 are used to specify character background color. Fig-
ure 54 shows the structure of the color register.
Fig. 54. Color Register n
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (CO0 to CO3) (n = 0 to 3) [Addresses 00E6 16 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
B signal output (background)
selection bit (COn4)
0 : No background color is output
1 : Background color is output
0
5
OUT signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6
G signal output (background)
selection bit (COn6)
0 : No background color is output
1 : Background color is output
0
7
R signal output (background)
selection bit (COn7)
0 : No background color is output
1 : Background color is output
0
(See notes 1,2)
(See notes 1, 2)
Notes 1: When bit 5 = “0” and bit 4 = “1,” there is output same as a character or border output
from the OUT pin.
2: When bit 5 = “0” and bit 4= “0,” there is no output from the OUT pin.
RW
RW
RW
RW
RW
RW
RW
RW
I signal output
selection bit (COn0)
0 : No character is output
1 : Character is output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com