Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 61 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 61 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
61
• The color on the left side :
this is set to the color of the color register which is specified by bits
0 and 1 at the color specification addresses (addresses 068016 to
069716) in the CRT display RAM.
• The color on the right side :
this is set to the color of the color register which is specified by bits
2 and 3 at the color specification addresses (addresses 068016 to
069716) in the CRT display RAM.
Fig. 56. Difference between Ordinary Color Specification Mode and 1/2-character Unit Color Specification Mode
Color of the color register specified
by bits 0 and 1 at address 0680 16.
Block 1
(a) Display in the ordinary mode
Color of the color register specified
by bits 0 and 1 at address 0681 16.
Block 2
Color of the color register
specified by bits 2 and 3 at
address 068116.
Color of the color register
specified by bits 0 and 1 at
address 068116.
(b) Display in the 1/2-character unit color specification mode
Color of the color register
specified by bits 2 and 3 at
address 068016.
Color of the color register
specified by bits 0 and 1 at
address 068016.
(6) 1/2-character Unit Color Specification Mode
By setting “1” to bit 4 of CRT control register 1 (address 00EA16) it is
possible to specify colors, in units of a 1/2-character size (16 dots
high ! 6 dots wide), to characters in only block 1.
In the 1/2-character unit color specification mode, colors of display
characters in block 1 are specified as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com