Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
22
Fig. 14. Timer Mode Register 1
Fig. 15. Timer Mode Register 2
b7 b6 b5 b4 b3 b2 b1 b0
Timer mode register 1 (TMR1) [Address 00F416]
B
After reset
W
Timer Mode Register 1
0
1
2
3
4
Name
Functions
Timer 1 count source
selection bit 1
(TMR10, TMR15)
b5 b0
0
0: f(XIN)/16 or f(XCIN)/16 (See note)
0
1: f(XIN)/4096 or f(XCIN)/4096 (See note)
1
0: f(XcIN)
1
1: External clock from TIM2 pin
Timer 2 count source
selection bit 1
(TMR11)
0: Count source selected by bit 4 of TM1
1: External clock from TIM2 pin
Timer 1 count
stop bit (TMR12)
0: Count start
1: Count stop
Timer 2 count stop
bit (TMR13)
0: Count start
1: Count stop
Timer 2 count source
selection bit 2
(TMR14)
R
0
0
0
0
0
W
R
W
R
W
R
W
R
W
R
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Timer 1 overflow
6
Timer 5 count source
selection bit 2 (TMR16)
0: Timer 2 overflow
1: Timer 4 overflow
0W
R
7
Timer 6 internal count
source selection bit
(TMR17)
0W
R
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Timer 5 overflow
Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.
b7 b6 b5 b4 b3 b2 b1 b0
Timer mode register 2 (TMR2) [Address 00F516]
B
After reset RW
Timer Mode Register 2
0
Name
Functions
Timer 3 count source
selection bit (TMR20)
0
RW
1
Timer 4 count source
selection bit 2
(TMR21)
0R W
2
3
0
Timer 3 count
stop bit (TMR22)
0: Count start
1: Count stop
Timer 4 count stop bit
(TMR23)
0: Count start
1: Count stop
0
0
5
Timer 5 count stop bit
(TMR25)
0: Count start
1: Count stop
0
6
Timer 6 count stop bit
(TMR26)
0: Count start
1: Count stop
0
RW
RW
RW
RW
RW
7
Timer 5 count source
selection bit 1
(TMR27)
0: Count source selected by bit 0
of TMR3
1: Count source selected by bit 6
of TMR1
0 : f(XIN)/16 or f(XCIN)/16 (See note)
1 : External clock from TIM3 pin
0 : Timer 3 overflow signal
1 : f(XIN)/16 or f(XCIN)/16 (See note)
Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.
4
Timer 4 count source
selection bit 1
(TMR24)
0R W
0: Count source selected by bit 1
of TMR2
1 : f(XIN)/2 or f(XCIN)/2 (See note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com