Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 57 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 57 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
57
[Color specification]
b1 b0
0
0 : Color register 0 specification
0
1 : Color register 1 specification
1
0 : Color register 2 specification
1
1 : Color register 3 specification
Color register specification on left side
(In ordinary · 1/2-character unit color
specification mode )
0
Block 1
[Character specification]
Specify 384 characters (“000 16” to “17F16”) (Note)
Character code
70
1 st character : 0680 16
24th character : 0697 16
1 st character : 0600 16
24th character : 0617 16
70
b3 b2
0
0 : Color register 0 specification
0
1 : Color register 1 specification
1
0 : Color register 2 specification
1
1 : Color register 3 specification
Color register specification on right side
(In 1/2-character unit color specification
mode)
4
0
4
(Block 3 : 064016 to 065716)
(Block 3 : 06C016 to 06D716)
Note : Set values except “07E 16,” “07F16.”
to
Specify 384 characters (“000 16” to “17F16”) (Note)
Character code
b1 b0
0
0 : Color register 0 specification
0
1 : Color register 1 specification
1
0 : Color register 2 specification
1
1 : Color register 3 specification
Color register specification
Block 2
[Character specification]
1 st character : 0620 16
24th character : 0637 16
to
to
[Color specification]
1 st character : 06A0 16
24th character : 06B7 16
to
Fig. 53. Structure of RAM for Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com