Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 65 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 65 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
65
Fig. 60. Display Counter
Fig. 61. Timing of CRT Interrupt Request and Display Counter Value
The display block counter counts the number of times the display of
a block has been completed, and its contents are incremented by 1
each time the display of one block is completed.
To provide multi-line display, enable CRT interrupts by clearing the
interrupt disable flag to “0” and setting the CRT interrupt enable bit
(bit 4 of address 00FE16) to “1.” After that, process the following
sequence within the CRT interrupt processing routine:
ead the value of the display block counter.
The block for which display is terminated (i.e., the cause of CRT
interrupt generation) can be determined by the value read in
.
Replace the display character data and vertical display position of
that block with the character data (contents of CRT display RAM)
and vertical display position (contents of vertical position register)
to be displayed next.
Figure 60 shows the structure of the display block counter.
0
Block 1
Block 2
Count value
Block 3
Block 1’
1
2
3
4
Interrupt position
b7 b6 b5 b4 b3 b2 b1 b0
Display block counter (CBC) [Address 00EB 16]
B
Name
Functions
After reset
R W
Display Block Counter
0
to
3
Number of blocks which are being displayed or has
displayed
(Incremented each time a block is displayed)
Indeterminate RW
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
4
to
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com