Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 85 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 85 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
85
GZZ–SH08–83B < 48B0 >
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37207MF-XXXSP/FP
MITSUBISHI ELECTRIC
Mask ROM number
Date :
Supervisor
signature
Section head
signature
g
Customer
Company
name
Date
issued
Date :
TEL
(
)
Note : Please fill in all items marked g.
Submitted by
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on
this data. We shall assume the responsibility for errors only if the mask ROM data on the products we produce
differs from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
27C101
EPROM address
000016
Product name
ASCII code :
‘M37207MF –’
000F16
FFFF16
Set “FF16” in the shaded area.
Write the ASCII codes that indicates the product name of “M37207MF–” to addresses 0000 16 to 000F16.
(1)
(2)
EPROM type (indicate the type used)
080016
Character ROM 1-a
1080016
1280016
g 2. Mark specification
Mark specification must be submitted using the correct form for the type package being ordered fill out the appropriate
mark specification form (64P4B for M37207MF-XXXSP, 80P6N for M37207MF-XXXFP) and attach to the mask ROM
confirmation form.
(1/3)
Do you set “FF16” in the shaded area (set “F 16” in the low-order 4-bit shaded area) ?
Do you write the ASCII codes that indicates the product
name of “M37207MF–” to addresses 0000 16 to 000F16 ?
EPROM data check item (Refer the EPROM data and check “
” in the appropriate box)
→ Yes
→ Yes
q
q
1000016
1180016
Character ROM 2-a
data
ROM 62K bytes
1100016
ROM 1-b
1200016
1300016
1FFFF16
Character ROM 3-a
Character
ROM 2-b
Character
ROM 3-b
Character
Microcomputer name :
M37207MF-XXXSP
M37207MF-XXXFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com