Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 60 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 60 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
60
Table 11. Display Example of Character Background Coloring (when green is set for a character and blue is set for background color)
Color registers
COn7 COn6 COn5 COn4 COn3 COn2 COn1
G output
B output
OUT output
Character output
!
0100
No output
Green
TV image is displayed on
the character background.
!
!
1
1
0
0
No output
Same output
as character A
!
Green
0
Blank output
Green
01
1
0
0
01
Background
—character A
Blue
00
0
100
Blank output
01
Black
No output
0
0
COn0
0
No output
0
(Note 1)
(Note 1)
Video signal and character
color (green) are not mixed.
TV image on the character
background is not displayed.
TV image on the character
background is not displayed.
Green
Notes 1: When COn5 = “0” and COn4 = “1,” there is output same as a character or border output from the OUT pin.
When COn5 = “0” and COn4 = “0,” there is no output from the OUT pin.
2: The portion “A” in which character dots are displayed is not mixed with any TV video signal.
3: The wavy-lined arrows in the table denote video signals.
4: n : 0 to 3, ! : 0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com