Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 100 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 100 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
100
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Structure of Register
The figure of each register structure describes its functions, contents
at reset, and attributes as follows:
Values immediately after reset release
Bit attributes
(Note 1)
(Note 2)
Bits
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is assigned
Notes 1: Values immediately after reset release
0••••••“0” after reset release
1••••••“1” after reset release
?••••••Indeterminate after reset release
••••••Read enabled
••••••Read disabled
R••••••Read
••••••Write enabled
••••••Write disabled
••••••“0” can be set by software, but “1”
cannot be set.
W••••••Write
!
V
b7 b6 b5 b4 b3 b2 b1 b0
B
After reset RW
CPU Mode Register
0, 1
2
3, 4
0
1
1
Name
Functions
Processor mode bits
(CM0, CM1)
0 0: Single-chip mode
0 1:
1 0:
Not available
1 1:
Fix these bits to “1.”
0
Stack page selection
bit (Note) (CM2)
1
b1 b0
0: 0 page
1: 1 page
10
0
5
Nothing is assigned. This bit is write disable bit.
When this bit is read out, the value is “0.”
6, 7
0
Clock switch bits
(CM6, CM7)
0 0: f(XIN) = 8 MHz
0 1: f(XIN) = 12 MHz
1 0: f(XIN) = 16 MHz
1 1: Do not set
b7 b6
CPU mode register (CPUM) (CM) [Address FB16]
RW
RW
RW
RW
RW
[Example]
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com