Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 101 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 101 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 121 page
background image
101
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Port Pi Direction Register
Port P3 Direction Register
Addresses 00C116, 00C316, 00C516, 00CD16
Address 00C716
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (Di) (i=0,1,2, 6) [Addresses 00C116, 00C316, 00C516, 00CD16]
B
Name
Functions
After reset R
W
Port Pi Direction Register
0
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0
1
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0
2
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
3
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
4
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
5
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
6
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
7
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
Port Pi direction register
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Port P3 direction register (D3) [Address 00C716]
B
Name
Functions
After reset RW
Port P3 Direction Register
0
0 : Port P30 input mode
1 : Port P30 output mode
0
1
0 : Port P31 input mode
1 : Port P31 output mode
0
2
0 : Port P32 input mode
1 : Port P32 output mode
0
0
Port P3 direction register
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
RW
RW
R—
3
0 : Port P33 input mode
1 : Port P33 output mode
0R W
6
0R W
7
0 : Port P34 input mode
1 : Port P34 output mode
0R W
0 : Port P35 input mode
1 : Port P35 output mode
0R W
4
5
0 : Port P36 input mode
1 : Port P36 output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com