Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 105 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 105 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 121 page
background image
105
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
I2C Control Register
I2C Status Register
Address 00DC16
Address 00DB16
b7 b6 b5 b4 b3 b2 b1 b0
I2C status register (S1) [Address 00DB16]
I2C Status Register
0
3
4
5
6, 7
b7 b6
0
0 : Slave recieve mode
0
1 : Slave transmit mode
1
0 : Master recieve mode
1
1 : Master transmit mode
1
2
0
0
0
0
0
B
Name
Functions
After reset RW
Communication mode
specification bits
(TRX, MST)
0 : Bus free
1 : Bus busy
Bus busy flag (BB)
0 : Interrupt request issued
1 : No interrupt request issued
I2C-BUS interface interrupt
request bit (PIN)
0 : Not detected
1 : Detected
Arbitration lost detecting flag
(AL) (See note)
0 : Address mismatch
1 : Address match
Slave address comparison
flag (AAS) (See note)
0 : No general call detected
1 : General call detected
General call detecting flag
(AD0) (See note)
0 : Last bit = “0 ”
1 : Last bit = “1 ”
Last receive bit (LRB)
(See note)
Note : These bits and flags can be read out, but cannnot be written.
Indeterminate R—
R—
R—
R—
R—
RW
0
RW
b7 b6 b5 b4 b3 b2 b1 b0
0
to
2
Bit counter
(Number of transmit/recieve
bits)
(BC0 to BC2)
b2 b1 b0
0
0
0 : 8
0
0
1 : 7
0
1
0 : 6
0
1
1 : 5
1
0
0 : 4
1
0
1 : 3
1
1
0 : 2
1
1
1 : 1
3
I2C-BUS interface use
enable bit (ESO)
0 : Disabled
1 : Enabled
4
Data format selection bit
(ALS)
0 : Addressing mode
1 : Free data format
5
Addressing format selection
bit (10BIT SAD)
0 : 7-bit addressing format
1 : 10-bit addressing format
6, 7 Connection control bits
between I C-BUS interface
and ports
b7 b6 Connection port (See note)
0
0 : None
0
1 : SCL1, SDA1
1
0 : SCL2, SDA2
1
1 : SCL1, SDA1
SCL2, SDA2
0
0
0
0
0
I2C control register (S1D : address 00DC 16)
I2C Control Register
B
Name
Functions
After reset RW
Note: When using ports P11-P14 as I C-BUS interface, the output structure changes
automatically from CMOS output to N-channel open-drain output.
2
2
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com