Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
25
SERIAL I/O
This microcomputer has a built-in serial I/O which can either transmit
or receive 8-bit data serially in clock synchronous mode.
The serial I/O block diagram is shown in Figure 18. The synchronous
clock I/O pin (SCLK), and data I/O pins (SOUT, SIN), receive enable
____
signal output pin (SRDY) also function as port P4.
Bit 2 of the serial I/O mode register (address 00DE16) selects whether
the synchronous clock is supplied internally or externally (from the
pins SCLK1, SCLK2). When an internal clock is selected, bits 1 and 0
select whether f(XIN) or f(XCIN) is divided by 8, 16, 32, or 64. To use
pins for serial I/O, set the corresponding bits of the port P4 direction
register (address 00C916) to “0.”
The operation of the serial I/O is described below. The operation
differs depending on the clock source; external clock or internal clock.
Fig. 18. Serial I/O Block Diagram
8
Serial I/O shift register (8)
Data bus
Serial I/O
interrupt request
Selection gate : Connected to
black side at
reset.
Synchronous
circuit
Frequency divider
1/8
1/4
1/16
SM1
SM0
Serial I/O counter (8)
SM5 : LSB
MSB
S
SM2
1/2
XIN
1/2
(Address 00DF16)
XCIN
CM7
1/2
(Note)
Note : When the data is set in the serial I/O register (address 00DF 16), the register functions as the serial I/O shift register.
P43 latch
SM6
SCL2 CSIO
SRDY2
SCLK2
SOUT2
SM4
P41 latch
SM7
SCL3
SM3
CSIO
P40 latch
SM7
SDA3
SM3
CSIO
SM6
P40 latch
SDA2
SIN2
SRDY1
P47 latch
SIC3
PWM8
SIC7
SCLK1
P45 latch
SIC4
SCL1
SIC5
SOUT1
P44 latch
SIC4
SDA1
SIC5
SIN1
SIC6
PWM9
P46 latch
CSIO
CM : CPU mode register
SM : Serial I/O mode register
SIC : Serial I/O control register
CSIO : Bit 1 of serial I/O control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com