Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37207M8-059SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
5
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
Multi-master I2C-BUS interface
A-D comparator
PWM output circuit
Timers
ROM correction function
Subroutine nesting
Interrupt interval determination circuit
Interrupt
Clock generating circuit
P00–P07
P10–P17
P20–P27
P30, P31
P32–P36
P40–P47
P52–P56
P60–P67
P70, P70
ROM
RAM
CRT ROM
CRT RAM
Parameter
71
0.5 ms (the minimum instruction execution time, at 8 MHz oscillation fre-
quency)
8 MHz (maximum)
32 K bytes
64 K bytes
512 bytes
960 bytes
64 bytes
8K bytes
12K bytes
144 bytes
8-bit ! 1 (CMOS input/output structure)
8-bit ! 1 (CMOS input/output structure)
8-bit ! 1 (CMOS input/output structure)
2-bit ! 1 (CMOS input/output structure)
5-bit ! 1 (N-channel open-drain output structure, can be used as external
clock input pins, A-D input pins, INT input pins)
8-bit !1 (N-channel open-drain output structure, can be used as serial I/O
pins, A-D input pins, PWM output pins, multi-master I2C-BUS interface,
sub-clock I/O pins)
5-bit ! 1 (CMOS output structure, can be used as CRT output pins, an
external clock output pin)
8-bit ! 1 (N-channel open-drain output structure, can be used as PWM
output)
2-bit !1 (can be used as CRT display clock I/O pins, analog input pins)
8-bit !1 (2 systems)
1 (3 systems)
8 channels (6-bit resolution)
14-bit !1, 8-bit !10
8-bit timer ! 6
32 bytes ! 2
128 levels (maximum)
1
External interrupt !2, Internal timer interrupt ! 6, Serial I/O interrupt !1,
CRT interrupt ! 1, Multi-master I2C-BUS interface interrupt ! 1,
f(XIN)/4096 interrupt !1, VSYNC interrupt !1, BRK interrupt !1
2 built-in circuits (externally connected to a ceramic resonator or a quartz-
crystal oscillator)
I/O
I/O
I/O
I/O
I/O
I/O
Output
I/O
Input
Functions
FUNCTIONS
ROM correction memory
M37207M8-XXXSP
M37207MF-XXXSP/FP,
M37207EFSP/FP
M37207M8-XXXSP
M37207MF-XXXSP/FP,
M37207EFSP/FP
M37207M8-XXXSP
M37207MF-XXXSP/FP,
M37207EFSP/FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com