Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 77 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 77 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
77
Fig. 78. Clock Generating Circuit Block Diagram
XCIN
XCOUT
P40/XCIN, P41/XCOUT
function selection bit
(Notes 1, 4)
Internal system clock
selection bit (Notes 1, 3)
Internal system clock
selection bit (Notes 1, 3)
Main clock (XIN–XOUT) stop bit (Notes 1, 3)
R
S
Q
STP instruction
WIT
instruction
R
S
Q
Reset
Interrupt disable flag I
Interrupt request
R
S
Q
Reset
STP instruction
Timing
(Internal clock)
Timer 3
count source selection bit (Notes 1,2)
“1”
Timer 3 count
stop bit (Notes 1, 2)
Timer 4 count
stop bit (Notes 1, 2)
Timer 3
Timer 4
1/2
1/8
XOUT
XIN
“1”
“0”
“0”
Notes 1:
2:
3:
4:
The value at reset is “0.”
Refer to the structure of timer mode register 2.
Refer to the structure of CPU mode register (next page).
Refer to the structure of port control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com