Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
11
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
This microcomputer uses the standard 740 Family instruction set.
Refer to the table of 740 Family addressing modes and machine
instructions or the SERIES 740 <Software> User’s Manual for de-
tails on the instruction set.
Machine-resident 740 Family instructions are as follows:
The FST, SLW instruction cannot be used.
The MUL, DIV, WIT and STP instructions can be used.
CPU Mode Register
The CPU mode register contains the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated at address 00FB16.
Fig. 3. CPU Mode Register
b7 b6 b5 b4 b3 b2 b1 b0
B
After reset RW
CPU Mode Register
0, 1
2
3
0
1
Name
Functions
Processor mode bits
(CM0, CM1)
0 0: Single-chip mode
0 1:
1 0:
Not available
1 1:
Fix these bits to “1.”
1
Stack page selection
bit (CM2) (See note 1)
1
b1 b0
0: 0 page
1: 1 page
0
0
CPU mode register (CPUM) (CM) [Address 00FB 16]
RW
RW
RW
51
60
Main Clock (X IN–XOUT)
stop bit
(CM6)
RW
RW
XCOUT drivability
selection bit (CM5)
0: LOW drive
1: HIGH drive
0: Oscillating
1: Stopped
70
Internal system clock
selection bit
(CM7)
RW
0: XIN–XOUT selected
(high-speed mode)
1: XCIN–XCOUT selected
(high-speed mode)
Notes 1: This bit is set to “1” after the reset release.
2: The internal system clock
φ stops at HIGH.
41
Internal system clock
output selection bit
(CM4) (See note 2)
0: Output is stopped
1: Internal system
clock
φ output
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com