Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 97 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 97 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
97
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
b7
b0
Bit allocation
State immediately after reset
b7
b0
: “0” immediately after reset
: Undefined immediately
after reset
0
1
?
<State immediately after reset >
: “1” immediately after reset
: Fix this bit to “0”
(do not write “1”)
:
<Bit allocation >
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16
Address
CRT control register 1 (CC)
CRT port control register (CRTP)
Wipe start register (??)
A-D control register 1 (ADM)
Timer 1 (TM1)
Vertical register 2 (CV2)
Color register 0 (CO0)
Color register 1 (CO1)
Character size register (CS)
Border selection register (MD)
Register
Horizontal register (HR)
Vertical register 1 (CV1)
Timer 2 (TM2)
Timer 3 (TM3)
Timer 4 (TM4)
Timer mode register 1 (TMR1)
Timer mode register 2 (TMR2)
PWM5 register (PWM5)
PWM8 register (PWM8)
PWM9 register (PWM9)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Color register 2 (CO2)
Color register 3 (CO3)
Wipe mode register (SL)
CPU mode register (CPUM)
s SFR Area (addresses E016 to FF16)
HR0
HR1
HR2
HR3
HR4
HR5
CV10
CV11
CV12
CV13
CV14
CV15
CV16
CV20
CV21
CV22
CV23
CV24
CV25
CV26
CS10
CS11
CS20
CS21
MD10
MD20
CO01
CO02
CO03
CO05
CO11
CO12
CO13
CO15
CO21
CO22
CO23
CO25
CO31
CO32
CO33
CO35
CC0
CC1
CC2
VSYC
R/G/B
I
R
G
B
HSYC
SL0
SL1
ADM0
ADM1
ADM2
ADM4
TMR10
TMR11
TMR12
TMR13
TMR14
CM2
TM1R
TM2R
TM3R
TM4R
CRTR
VSCR
IICR
CK0
MSR
IT1R
IT2R
S1R
TM1E
TM2E
TM3E
TM4E
CRTE
VSCE
IICE
IT1E
IT2E
SIE
MSE
?
0
???
???
?
0
???
???
?
???
00
??
??
00
??
?
?
0016
?
00
0
0
0
0
0
FF16
0716
FF16
0716
?
?
00
0
0
0
11
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
SL2
SL3
SL4
SL5
SL6
TMR15
TMR16
TMR17
CM7 CM6 CM5
TM56R
TM56E
TM56C
CK0
01
1
1
0
01
0
0
CV30
CV31
CV32
CV33
CV34
CV35
CV36
?
0
???
???
CS30
CS31
CS7
MD11
MD21
MD31 MD30
CO00
CO11
CO22
CO33
CO04
CO14
CO24
CO34
CO06
CO16
CO26
CO36
CO07
CO17
CO27
CO37
0016
0
CC3
CC4
CC5
CC6
0016
0016
0016
TMR20
TMR21
TMR22
TMR23
TMR24
TMR25
TMR26
TMR27
?
?
?
Vertical register 3 (CV3)
Display block counter (CBC)
PWM6 register (PWM6)
PWM7 register (PWM7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com