Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 75 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 75 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
75
Power source voltage 0 V
Reset input voltage 0 V
4.5 V
0.6 V
Poweron
Vcc
RESET
Vss
Microcomputer
1
5
4
3
0.1
µF
M51953AL
RESET CIRCUIT
When the oscillation of a quartz-crystal oscillator or a ceramic reso-
nator is stable and the power source voltage is 5 V ± 10 %, hold the
______
RESET pin at LOW for 2 µs or more, then return is to HIGH. Then, as
shown in Figure 75, reset is released and the program starts from
the address formed by using the content of address FFFF16 as the
high-order address and the content of the address FFFE16 as the
low-order address. The internal state of microcomputer at reset are
shown in Figure 75.
An example of the reset circuit is shown in Figure 74.
The reset input voltage must be kept 0.6 V or less until the power
source voltage surpasses 4.5 V.
Fig. 74. Example of Reset Circuit
Fig. 75. Reset Sequence
XIN
φ
RESET
Internal RESET
SYNC
Address
Data
32768 count of XIN
clock cycle (Note 3)
Reset address from the vector table
?
?
01, S
01, S-1 01, S-2
FFFE
FFFF
ADH,
ADL
?
?
?
?
?
ADL
ADH
Notes 1 :
:
:
f(XIN) and f(
φ) are in the relation : f(XIN) = 2·f (φ).
2
A question mark (?) indicates an undefined state that
depends on the previous state.
3
Immediately after a reset, timer 3 and timer 4 are
connected by hardware. At this time, “FF16” is set
in timer 3 and “0716” is set to timer 4. Timer 3 counts down
with f(XIN)/16, and reset state is released by the timer 4
overflow signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com