Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 53 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 53 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
53
CSn1
0
1
0
1
Set Values of Character Size Register
CSn0
0
0
1
1
Character
Size
Minimum
Medium
Large
Extra large
Width (horizontal) Direction
TC: Oscillating Cycle for Display
1TC
2TC
3TC
Height (Vertical) Direction
Scanning Lines
1
2
3
4
4TC
Note: The display start position in the horizontal direction is not affected by the character size. In other words, the horizontal display start
position is common to all blocks even when the character size varies with each block (refer to Figure 50).
Table 7. Relation between Set Values in Character Size Register and Character Sizes
Fig. 51. Character Size Register
b7 b6 b5 b4 b3 b2 b1 b0
Character size register (CS) [Address 00E4 16]
B
Name
Functions
After reset
R W
Character Size Register
0, 1 Character size of block 1
selection bits
(CS10, CS11)
b1 b0
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size
Indeterminate
2, 3 Character size of block 2
selection bits
(CS20, CS21)
Indeterminate
RW
RW
6
Indeterminate
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is indeterminate.
R—
4, 5 Character size of block 2
selection bits
(CS30, CS31)
Indeterminate RW
7
OUT signal output switch
bit
(CS7)
0 : OUT signal output
1 : MUTE signal output
(See note)
Indeterminate RW
Note: This erases a video signal on an entire screen.
b3 b2
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size
b5 b4
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com