Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 83 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 83 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
83
MULTI-MASTER I2C-BUS BUS LINE CHARACTERISTICS
Bus free time
Hold time for START condition
“L” period of SCL clock
Rising time of both SCL and SDA signals
Data hold time
“H” period of SCL clock
Falling time of both SCL and SDA signals
Data set-up time
Set-up time for repeated START condition
Set-up time for STOP condition
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
tSU:STO
Min.
4.7
4.0
4.7
0
4.0
250
4.7
4.0
Max.
1000
300
Min.
1.3
0.6
1.3
20+0.1Cb
0
0.6
20+0.1Cb
100
0.6
0.6
Max.
300
0.9
300
µs
µs
µs
ns
µs
µs
ns
ns
µs
µs
Unit
Standard clock mode High-speed clock mode
Parameter
Symbol
Note: Cb = total capacitance of 1 bus line
Fig. 83. Definition diagram of timing on multi-master I2C-BUS
Resolution
Absolute accuracy
Max.
6
±2
bits
LSB
Min.
0
Limits
Typ.
Unit
Test conditions
Parameter
Symbol
—
—
±1
Note: When Vcc = 5 V, 1 LSB = 5/64 V.
A-D COMPARATOR CHARACTERISTICS
(VCC = 5 V
± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
SDA
SCL
P
tBUF
S
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
Sr
P
tSU:STO
tHD:STA
S
Sr
P
: Start condition
: Restart condition
: Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com