Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
49
(2) Display Position
The display positions of characters are specified in units called a
“block.” There are 3 blocks, blocks 1 to 3. Up to 24 characters can be
displayed in each block (refer to (4) Memory for Display).
The display position of each block can be set in both horizontal and
vertical directions by software.
The display position in the horizontal direction can be selected for all
blocks in common from 64-step display positions in units of 4TC
(TC = oscillating cycle for display).
The display position in the vertical direction for each block can be
selected from 128-step display positions in units of 4 scanning lines.
Block 2 is displayed after the display of block 1 is completed (refer to
Figure 46 (a)). Accordingly, if the display of block 2 starts during the
display of block 1, only block 1 is displayed. Similarly, when multiline
display, block 1 is displayed after the display of block 2 is completed
(refer to Figure 46 (b)).
The vertical position can be specified from 128-step positions (4 scan-
ning lines per a step) for each block by setting values “0016” to “7F16”
to bits 0 to 6 in the vertical position register (addresses 00E116 to
00E316). Figure 48 shows the vertical position register.
Fig. 46. Display Position
(HR)
CV1
CV2
Block 1
Block 2
(a)Example when each block is separated
CV1
CV2
Block 1
Block 2
Block 1 (second)
CV1
No display
No display
(b)Example when block 2 overlaps with block 1
Block 3
CV3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com