Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 54 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 54 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
54
(4) Memory for Display
There are 2 types of memory for display : CRT display ROM (ad-
dresses 1000016 to 12FFF16) used to store character dot data
(masked) and CRT display RAM (addresses 060016 to 06D716) used
to specify the colors and characters to be displayed. The following
describes each type of display memory.
ROM for display (addresses 1000016 to 12FFF16)
The CRT display ROM contains dot pattern data for characters to be
displayed. For characters stored in this ROM to be actually displayed,
it is necessary to specify them by writing the character code inherent
to each character (code based on the addresses in the CRT display
ROM) into the CRT display RAM. The character code list is shown in
Table 8.
The CRT display ROM has a capacity of 12 K bytes. Since 32 bytes
are required for 1 character data, the ROM can stores up to 384
kinds of characters.
The CRT display ROM space is broadly divided into 2 areas. The
[vertical 16 dots] ! [horizontal (left side) 8 dots] data of display char-
acters are stored in addresses 1000016 to 107FF16, 1100016 to
117FF16 and 1200016 to 127FF16 ; the [vertical 16 dots] ! [horizontal
(right side) 4 dots] data of display characters are stored in addresses
1080016 to 10FFF16, 1180016 to 11FFF16 and 1280016 to 12FFF16
(refer to Figure 52). Note however that the high-order 4 bits in the
data to be written to addresses 1080016 to 10FFF16, 1180016 to
11FFF16 and 1280016 to 12FFF16 must be set to “1” (by writing data
“FX16”).
Fig. 52. Display Character Stored Data
10XXF16, 11XXF16,
or
12XXF16
10XXF16+80016,
11XXF16+80016,
or
12XXF16+80016
00
0
0
0
0
0
0
0
0
0
0
1
1
1
00
00
00
000
00
00
0
0
00
01
0
0
0
00
10
1
0
0
01
00
0
0
0
01
00
0
0
0
01
00
0
0
0
10
00
0
0
1
01
11
11
00
1
0
1
00
00
0
010
00
00
0
1
00
00
0
0
0
00
00
0
0
0
00
10
1
0
0
00
01
0
0
1
1
11
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
10
0
0
10
0
0
10
0
0
01
0
0
01
0
0
01
0
0
00
0
0
00
0
0
00
0
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
11
1
1
b7
b0
b7
b0
b3
10XX016, 11XX016,
or
12XX016
10XX016+80016,
11XX016+80016,
or
12XX016+80016
0
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com