Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 108 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 108 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 121 page
background image
108
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Border Selection Register
Character Size Register
Address 00E416
Address 00E516
b7 b6 b5 b4 b3 b2 b1 b0
Character size register (CS) [Address 00E4 16]
B
Name
Functions
After reset
R W
Character Size Register
0, 1 Character size of block 1
selection bits
(CS10, CS11)
b1 b0
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size
Indeterminate
2, 3 Character size of block 2
selection bits
(CS20, CS21)
Indeterminate
RW
RW
6
Indeterminate
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is indeterminate.
R—
4, 5 Character size of block 2
selection bits
(CS30, CS31)
Indeterminate RW
7
OUT signal output switch
bit
(CS7)
0 : OUT signal output
1 : MUTE signal output
(See note)
Indeterminate RW
Note: This erases a video signal on an entire screen.
b3 b2
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size
b5 b4
0 0 : Minimum size
0 1 : Medium size
1 0 : Large size
1 1 : Extra large size
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E5 16]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
Indeterminate
2
Block 2 OUT output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
Indeterminate
RW
RW
RW
0
6, 7 Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
Block 1 OUT output
switch bit (MD11)
0 : Border including character
1 : Border only
3
Indeterminate RW
Block 2 OUT output
switch bit (MD21)
0 : Border including character
1 : Border only
4
Block 3 OUT output
border selection bit (MD30)
0 : Same output as character output
1 : Border output
Indeterminate RW
5
Indeterminate RW
Block 3 OUT output
switch bit (MD31)
0 : Border including character
1 : Border only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com