Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 33 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 33 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 29Page - Mitel Networks Corporation VP306 Datasheet HTML 30Page - Mitel Networks Corporation VP306 Datasheet HTML 31Page - Mitel Networks Corporation VP306 Datasheet HTML 32Page - Mitel Networks Corporation VP306 Datasheet HTML 33Page - Mitel Networks Corporation VP306 Datasheet HTML 34Page - Mitel Networks Corporation VP306 Datasheet HTML 35Page - Mitel Networks Corporation VP306 Datasheet HTML 36Page - Mitel Networks Corporation VP306 Datasheet HTML 37Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
33
2.6.2. SYM_RP: Symbol AFC reference period register.
Parallel mode -
Bank 1. Address 2.
Type Read / Write.
Serial mode - Address 10.
7654321
0
Reserved
SYM_RP[3:0] Symbol AFC reference period
SYM_RP[3:0] Symbol frequency reference period for the count of the crystal clock cycles ( XTI
pin). This sets the reference for the measurement of the ADC VCO frequency
(SYS_CLK pin). The
register value sets the 4 most significant bits of a 14 bit
counter. The actual count is SYM_RP[3:0] * 1024.
2.6.3. SYM_NF U & L: Symbol input nominal frequency registers.
Parallel mode -
Bank 1. Addresses 3, 4.
Type Read / Write.
Serial mode - Addresses 11, 12.
7
6543210
SYM_NF[15:8] Symbol input nominal frequency (upper byte)
SYM_NF[7:0] Symbol input nominal frequency (lower byte)
These two bytes together form the 16 bit number: SYM_NF[15:0] Symbol input nominal frequency.
This is the division ratio for the Symbol clock input from the ADC VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com