Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 40 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 40 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 36Page - Mitel Networks Corporation VP306 Datasheet HTML 37Page - Mitel Networks Corporation VP306 Datasheet HTML 38Page - Mitel Networks Corporation VP306 Datasheet HTML 39Page - Mitel Networks Corporation VP306 Datasheet HTML 40Page - Mitel Networks Corporation VP306 Datasheet HTML 41Page - Mitel Networks Corporation VP306 Datasheet HTML 42Page - Mitel Networks Corporation VP306 Datasheet HTML 43Page - Mitel Networks Corporation VP306 Datasheet HTML 44Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
40
2.7.5. CR_KP: Carrier loop filter gain (P term) register.
Parallel mode -
Bank 2. Address 5.
Type Read / Write.
Serial mode - Address 21.
76543210
CR_KP[7:0] Carrier loop filter gain (P term)
CR_KP[7:0] Carrier loop filter gain (P term)
This term, CR_KP * 2 determines the resolution of the Sigma Delta conversion. It
should be >30 for six bits of resolution.
Es / No (dB )
0
5
10
15
20
25
30
35
40
45
0dB
2dB
4dB
6dB
8dB
10dB
12dB
14dB
16dB
18dB
20dB
DDML B PS K
DDML QPS K
NDAML QPS K
Fig. 15. Carrier phase error detector gain KD_CR vs. Es / No for AGC_REF = 84.
2.7.6. CR_KD: Carrier loop filter gain (D term) register.
Parallel mode -
Bank 2. Address 6.
Type Read / Write.
Serial mode - Address 22.
76543210
CR_KD[7:0] Carrier loop filter gain (D term)
CR_KD[7:0]
Carrier loop filter gain (D term)
The loop damping factor is given by the following equation:
ζ =
2 * CR_KD *
ω
n
Rs
where
ωn = natural frequency in radians / second
Rs = QPSK symbol rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com