Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 71 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 71 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 67Page - Mitel Networks Corporation VP306 Datasheet HTML 68Page - Mitel Networks Corporation VP306 Datasheet HTML 69Page - Mitel Networks Corporation VP306 Datasheet HTML 70Page - Mitel Networks Corporation VP306 Datasheet HTML 71Page - Mitel Networks Corporation VP306 Datasheet HTML 72Page - Mitel Networks Corporation VP306 Datasheet HTML 73Page - Mitel Networks Corporation VP306 Datasheet HTML 74Page - Mitel Networks Corporation VP306 Datasheet HTML 75Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
71
6.
VP305/6 OPERATING CONDITIONS.
6.1.
Recommended operating conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Power supply voltage
VDD
2.97
3.30
3.63
V
Power supply current
IDD
410
mA
Input clock frequency ¹
XTI
9.99
16.00
MHz
PSCAL input frequency
PSCAL
15.00
25.00
MHz
Sytem clock input frequency
SYS_CLK
60.00
MHz
SCL clock frequency
fSCL
450
kHz
Ambient operating temperature
0
70
°C
Table 18. Recommended operating conditions.
Note 1.
When not using a crystal, XTI may be driven from an external source over the
frequency range shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com