Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 49 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 49 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 45Page - Mitel Networks Corporation VP306 Datasheet HTML 46Page - Mitel Networks Corporation VP306 Datasheet HTML 47Page - Mitel Networks Corporation VP306 Datasheet HTML 48Page - Mitel Networks Corporation VP306 Datasheet HTML 49Page - Mitel Networks Corporation VP306 Datasheet HTML 50Page - Mitel Networks Corporation VP306 Datasheet HTML 51Page - Mitel Networks Corporation VP306 Datasheet HTML 52Page - Mitel Networks Corporation VP306 Datasheet HTML 53Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
49
2.10.4.
VI_BER_PER: Viterbi bit error rate based synchronisation period register.
Parallel mode -
Bank 5. Address 6.
Type Read / Write.
Serial mode - Address 46.
7654
3210
VBPER[7:0] - Viterbi bit error rate based synchronisation period
VBPER[7:0]
Viterbi bit error rate based synchronisation period.
The actual period = 256 x VBPER[7:0] data bits.
2.10.5.
VI_BER_LIM: Viterbi bit error rate based synchronisation limit register.
Parallel mode -
Bank 5. Address 7.
Type Read / Write.
Serial mode - Address 47.
76543210
VBLIM[7:0] - Viterbi bit error rate based synchronisation limit
VBLIM[7:0]
Viterbi bit error rate based synchronisation limit.
The actual limit = 128 x VBLIM[7:0] + 32 data bits.
The Viterbi bit error rate threshold is the ratio of the register values:
Threshold = VI_BER_LIM / VI_BER_PER
The following table shows recommended threshold values for the various Viterbi code rates. If the
Viterbi bit error rate threshold is set too low, the Viterbi circuit will lock up on incorrect data. But
conversely, if the threshold is set too high, the Viterbi circuit will have difficulty in llocking up. A
false lock may be exited by toggling F_LOCK (bit 6 of VIT_MODE register, see page 47).
Coding rate
min.
max.
1/2
0.090
0.120
2/3
0.055
0.070
3/4
0.035
0.050
5/6
0.020
0.035
7/8
0.010
0.025
Table 9. Viterbi bit error rate threshold. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com