Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 54 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 54 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 50Page - Mitel Networks Corporation VP306 Datasheet HTML 51Page - Mitel Networks Corporation VP306 Datasheet HTML 52Page - Mitel Networks Corporation VP306 Datasheet HTML 53Page - Mitel Networks Corporation VP306 Datasheet HTML 54Page - Mitel Networks Corporation VP306 Datasheet HTML 55Page - Mitel Networks Corporation VP306 Datasheet HTML 56Page - Mitel Networks Corporation VP306 Datasheet HTML 57Page - Mitel Networks Corporation VP306 Datasheet HTML 58Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
54
2.11.5.
GEN_CTRL: General control register.
Parallel mode -
Bank 6. Address 5.
Type Read / Write.
Serial mode - Address 53.
76543210
-
-
-
MCLKINV
BSO
ENTEI
NSYNC[1:0]
NSYNC[1:0] The number of successive incorrect synchronising bytes in N successive blocks
before byte lock in the descrambler is lost. The value programmed is related to N as
shown in the following truth table.
NSYNC[1:0]
No. incorrect sync bytes
02
13
← Recommended
24
35
Table 13. Number of incorrect sync bytes for descrambler to lose lock.
ENTEI
High = Enable automatic setting of transport_error_indicator (TEI) bit in the MPEG
packet header byte 2 when the block contains an uncorrectable byte error.
BSO
High = Bit serial output of the MPEG data on MDO0 pin.
MCLKINV
High = MCLK clock output inverted.
Low = MCLK clock output normal.
2.11.6.
GPP_CTRL: General Purpose Port control register.
Parallel mode -
Bank 6. Address 6.
Type Read / Write.
Serial mode - Address 54.
7654321
0
Reserved
GPP_CTRL[4:1] External outputs control.
GPP_CTRL[0]
GPP_CTRL[i] bit drives the OUTPUT pin GPP[i]
where i = 1, 2, 3 or 4.
Note: GPP_CTRL[0] reads the logic level of the input pin GPP0. Writing to this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com