Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 44 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 44 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 40Page - Mitel Networks Corporation VP306 Datasheet HTML 41Page - Mitel Networks Corporation VP306 Datasheet HTML 42Page - Mitel Networks Corporation VP306 Datasheet HTML 43Page - Mitel Networks Corporation VP306 Datasheet HTML 44Page - Mitel Networks Corporation VP306 Datasheet HTML 45Page - Mitel Networks Corporation VP306 Datasheet HTML 46Page - Mitel Networks Corporation VP306 Datasheet HTML 47Page - Mitel Networks Corporation VP306 Datasheet HTML 48Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
44
2.8.3. CR_LSWL U & L: Carrier Lower sweep limit registers.
Parallel mode -
Bank 3. Addresses 4, 5.
Type Read / Write.
Serial mode - Addresses 28, 28.
7
6543210
Reserved
CR_LSWL[13:8] Carrier Lower sweep limit (upper nibble)
CR_LSWL[7:0] Carrier Lower sweep limit (lower byte)
These two bytes together form the 14 bit number: CR_LSWL[13:0] Carrier Lower sweep limit. This
is the division ratio (lower) for the prescaler input (PSCAL) from the SL1710.
2.8.4. CR_CONFIG: Carrier configuration register.
Parallel mode -
Bank 3. Address 6.
Type Read / Write.
Serial mode - Address 30.
7
6543210
CR_CONFIG[7:0] Carrier configuration
CR_CONFIG[0]
CR_SW
High = carrier loop sweep on.
Low = carrier loop sweep off.
CR_CONFIG[1]
CR_OPEN
High = carrier loop open. This is only used to get out of a false lock.
Low = carrier loop closed.
CR_CONFIG[2]
CR_PED_SEL Carrier phase error detector select.
High = NDAML Non-data aided maximum likelihood estimator (only available in
QPSK mode).
Low = DDML Decision directed maximum likelihood estimator.
CR_CONFIG[3]
Reserved set low.
CR_CONFIG[4]
CR_VCO1 D/U
High = tri-state D and U outputs.
Low = active outputs.
CR_CONFIG[5]
CR_VCO2 D/U
High = tri-state D and U outputs.
Low = active outputs.
CR_CONFIG[6]
CR_VCO_SWAP exchange polarity for both CR_VCO1 and CR_VCO2 D
and U outputs.
High = swapped (i.e. D and U inverted).
Low = normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com