Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 50 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 50 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 46Page - Mitel Networks Corporation VP306 Datasheet HTML 47Page - Mitel Networks Corporation VP306 Datasheet HTML 48Page - Mitel Networks Corporation VP306 Datasheet HTML 49Page - Mitel Networks Corporation VP306 Datasheet HTML 50Page - Mitel Networks Corporation VP306 Datasheet HTML 51Page - Mitel Networks Corporation VP306 Datasheet HTML 52Page - Mitel Networks Corporation VP306 Datasheet HTML 53Page - Mitel Networks Corporation VP306 Datasheet HTML 54Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
50
2.11. BANK 6: Program FEC and general control registers.
2.11.1.
VIT_CTRL1: Viterbi control synchronisation byte register 1
Parallel mode -
Bank 6. Address 1.
Type Read / Write.
Serial mode - Address 49.
7
6543210
BS_MODE[1:0]
VS_UNLK[3:0]
VBIT_MV[1:0]
VBIT_MV[1:0] Viterbi synchronisation majority voting selection for the number of correct bits in a
byte to have the byte labelled as a synchronisation byte.
VBIT_MV[1:0]
No. correct bits in sync
05
16
← Recommended
27
38
Table 10. Number of correct bits in the sync byte.
VS_UNLK[3:0]
Viterbi sync majority voting selection for retaining sync lock.
VIT_CTRL1 (weighted)
VS_UNLK[3:0]
No. syncs to keep lock
003
414
825
12
3
6
16
4
7
← Recommended
20
5
8
24
6
9
28710
32811
36912
40
10
13
44
11
14
48
12
15
52
13
16
56
14
17
60
15
18
Table 11. Number of correct sync bytes to retain lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com