Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 43 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 43 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 39Page - Mitel Networks Corporation VP306 Datasheet HTML 40Page - Mitel Networks Corporation VP306 Datasheet HTML 41Page - Mitel Networks Corporation VP306 Datasheet HTML 42Page - Mitel Networks Corporation VP306 Datasheet HTML 43Page - Mitel Networks Corporation VP306 Datasheet HTML 44Page - Mitel Networks Corporation VP306 Datasheet HTML 45Page - Mitel Networks Corporation VP306 Datasheet HTML 46Page - Mitel Networks Corporation VP306 Datasheet HTML 47Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
43
The sweep rate varies as a function of the value of CR_SWR register and the delta frequency,
effectively selected by the CR_USWL and CR_LSWL registers. If the delta frequency is halved,
the sweep rate doubles. If the receiver fails to lock, a higher value of CR_SWR should be tried. If
the value of CR_SWR is too low, the frequency sweep may be stopped. The rise and fall times of
the sweep can be adjusted to be equal by setting the value of CR_OFFSET, see page 37. This
becomes more critical at very low values of CR_SWR where the sweep will stop unless the rise
and fall times are equal.
CR _ S W R
0
2
4
6
8
10
12
14
16
20
40
60
80
100
120
140
160
180
200
220
240
260
VP 305/6 carrier s weep function.
Fig. 16. Carrier sweep rate for a delta frequency of ±10MHz.
2.8.2. CR_USWL U & L: Carrier Upper sweep limit registers.
Parallel mode -
Bank 3. Addresses 2, 3.
Type Read / Write.
Serial mode - Addresses 26, 27.
76543210
Reserved
CR_USWL[13:8] Carrier Upper sweep limit (upper nibble)
CR_USWL[7:0] Carrier Upper sweep limit (lower byte)
These two bytes together form the 14 bit number: CR_USWL[13:0] Carrier Upper sweep limit. This
is the division ratio (upper) for the prescaler input (PSCAL) from the SL1710. See page 12 for
further discussion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com