Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 74 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 74 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 70Page - Mitel Networks Corporation VP306 Datasheet HTML 71Page - Mitel Networks Corporation VP306 Datasheet HTML 72Page - Mitel Networks Corporation VP306 Datasheet HTML 73Page - Mitel Networks Corporation VP306 Datasheet HTML 74Page - Mitel Networks Corporation VP306 Datasheet HTML 75Page - Mitel Networks Corporation VP306 Datasheet HTML 76Page - Mitel Networks Corporation VP306 Datasheet HTML 77Page - Mitel Networks Corporation VP306 Datasheet HTML 78Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
74
6.5.
Pinout description.
Pin No
Name
Pin Description
I/O Note V mA
1
SER
A logic 1 selects the 8 bit interface, a logic 0 selects I²C
interface. Not connected on VP305.
ICMOS 5
4
PSCAL
Input from SL1710 (differential prescaler true output).
I
PECL
δ1
5
PSCAL
Input from SL1710 (differential prescaler inverted
output).
I
PECL
δ1
6-11
IIN5:0
In phase data input from the ADC digitiser.
I
TTL
5
14-19
QIN5:0
Quadrature phase data input from the ADC digitiser.
Input format is selected by bit CONFIG[0].
I
TTL
5
22
SYS_CLK System clock input.
I
TTL
5
23
AS
Address select strobe. The address on pins A2:0 is
latched on the negative going edge.
ICMOS 5
24
CS
Chip select for the microprocessor interface, a logic 0
makes the interface active. Data on pins D7:0 is latched
on the positive going edge.
ICMOS 5
25-27
A2:0
Address pins for the internal registers used with the 8 bit
interface.
ICMOS 5
30
DTACK
Data acknowledge. A logic 0 indicates data has been
transferred.
O Open
drain
56
31
R/ W
A logic 1 indicates a read operation, a logic 0 a write
operation.
ICMOS 5
32
IRQ
A low output on this pin indicates an event has occurred
and the microprocessor should read the interrupt
registers. A read of both interrupt registers resets this
pin.
O Open
drain
56
33,35-39,
42-43
D7:0
Data port for read or write data. D0 = SCL Clock input
for I²C when SER = logic 0.
I/O Open
drain
56
44
SDA
Data I/O pin for I²C. Not available on VP305 version.
I/O Open
drain
56
45
RESET
Active HIGH reset input, with 100k pull down resistor.
I CMOS 5
48
XTO
Crystal output. An internal feedback resistor to XTI is
included.
OCMOS 3.3
49
XTI
Crystal clock input or external reference clock input for
QPSK block.
ICMOS 3.3
50
STATUS
Output pin for various functions selected by register bits. O CMOS 3.3 1
51
MCLK
MPEG clock output at the data byte rate.
O
Tri-
state
3.3 1
63-60,
57-54
MDO7:0
MPEG transport packet data output bus.
O
Tri-
state
3.3 1
64
MDOEN
Logic 1 = MPEG data and clock outputs disable -
tristate. Logic 0 = MPEG data and clock outputs enable.
ICMOS 5
Pin No
Name
Pin Description
I/O Note V mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com