Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 65 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 65 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 61Page - Mitel Networks Corporation VP306 Datasheet HTML 62Page - Mitel Networks Corporation VP306 Datasheet HTML 63Page - Mitel Networks Corporation VP306 Datasheet HTML 64Page - Mitel Networks Corporation VP306 Datasheet HTML 65Page - Mitel Networks Corporation VP306 Datasheet HTML 66Page - Mitel Networks Corporation VP306 Datasheet HTML 67Page - Mitel Networks Corporation VP306 Datasheet HTML 68Page - Mitel Networks Corporation VP306 Datasheet HTML 69Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
65
4.
TIMING INFORMATION.
4.1. I²C bus timing.
P
S
Sr
P
LOW
t
tR
t HD;STA
HD;DAT
t
t F
HIGH
t
tSU;DAT
SU;STA
t
SDA
SCL
t BUFF
t SU;STO
Fig. 19. I²C bus timing.
Where:
S = Start
Sr = Restart, i.e. Start without stopping first.
P = Stop.
Parameter
Symbol
Value
Unit
Min
Max.
SCL clock frequency
fSCL
0
450
kHz
Bus free time between a STOP and START condition.
tBUFF
200
ns
Hold time (repeated) START condition.
tHD;STA
200
ns
LOW period of SCL clock.
tLOW
450
ns
HIGH period of SCL clock.
tHIGH
600
ns
Set-up time for a repeated START condition.
tSU;STA
200
ns
Data hold time (when input).
tHD;DAT
100
ns
Data set-up time
tSU;DAT
100
ns
Rise time of both SCL and SDA signals.
tR
note 1 ns
Rise time of both SCL and SDA signals, (100pF to ground).
tF
20
ns
Set-up time for a STOP condition.
tSU;STO
200
ns
Table 15. I²C bus timing.
Note 1.
The rise time depends on the external bus pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com