Electronic Components Datasheet Search
  English  ▼

X  

VP306 Datasheet(PDF) 52 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 52 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 48Page - Mitel Networks Corporation VP306 Datasheet HTML 49Page - Mitel Networks Corporation VP306 Datasheet HTML 50Page - Mitel Networks Corporation VP306 Datasheet HTML 51Page - Mitel Networks Corporation VP306 Datasheet HTML 52Page - Mitel Networks Corporation VP306 Datasheet HTML 53Page - Mitel Networks Corporation VP306 Datasheet HTML 54Page - Mitel Networks Corporation VP306 Datasheet HTML 55Page - Mitel Networks Corporation VP306 Datasheet HTML 56Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
52
2.11.3.
IE_FEC: Interrupt FEC register.
When the bits of this register are set high, they enable an event signalled in the INT_FEC register
to generate an interrupt on the IRQ pin. They do not affect the setting of bits in the INT_FEC
register, see page 28.
Parallel mode -
Bank 6. Address 3.
Type Read / Write.
Serial mode - Address 51.
76543210
IE_FEC[7:0] Interrupt enable FEC
IE_FEC[7:0] Interrupt enable FEC
When :
IE_FEC[i] =1 : enable INT_FEC[i]
IE_FEC[i] =0 : disable INT_FEC[i] (default state)
where i = 0 to 7.
IE_FEC[0]
High = Enable Descrambler lock established indication in INT_FEC register.
IE_FEC[1]
High = Enable Descrambler lock lost indication in INT_FEC register.
IE_FEC[2]
High = Enable Viterbi error period indication in INT_FEC register.
IE_FEC[3]
Reserved set low.
IE_FEC[4]
High = Enable Viterbi bit lock established indication in INT_FEC register.
IE_FEC[5]
High = Enable Viterbi bit lock lost indication in INT_FEC register.
IE_FEC[6]
High = Enable Frame alignment lock established indication in INT_FEC register. (A
Frame is 8 blocks, each block is 204 bytes).
IE_FEC[7]
High = Enable Frame alignment lock lost indication in INT_FEC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com