Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 7 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 7 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 3Page - ams AG TDC-GP21 Datasheet HTML 4Page - ams AG TDC-GP21 Datasheet HTML 5Page - ams AG TDC-GP21 Datasheet HTML 6Page - ams AG TDC-GP21 Datasheet HTML 7Page - ams AG TDC-GP21 Datasheet HTML 8Page - ams AG TDC-GP21 Datasheet HTML 9Page - ams AG TDC-GP21 Datasheet HTML 10Page - ams AG TDC-GP21 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
1-4
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
Special Functions
Fire pulse generator, up to 127 pulses
Trigger to rising and/or falling edge
Precise stop enable by windowing
Low-power 32 kHz oscillator (500 nA)
Clock calibration unit
7x32 Bit EEPROM
Measurement mode 1
2 channels with typ. 90 ps resolution
channel double resolution with typ. 45 ps
Range 3.5 ns (0 ns) to 2.5 µs
20 ns pulse-pair resolution, 4-fold multihit
Up to 500 000 measurements per second in measurement mode 1
General
4-wire SPI interface
500 kHz continuous data rate max.
I/O voltage 2.5 V to 3.6 V
Core voltage 2.5 V to 3.6 V
Temperature range – 40 °C to +85 °C
QFN 32 Package
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com