Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 53 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 53 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 49Page - ams AG TDC-GP21 Datasheet HTML 50Page - ams AG TDC-GP21 Datasheet HTML 51Page - ams AG TDC-GP21 Datasheet HTML 52Page - ams AG TDC-GP21 Datasheet HTML 53Page - ams AG TDC-GP21 Datasheet HTML 54Page - ams AG TDC-GP21 Datasheet HTML 55Page - ams AG TDC-GP21 Datasheet HTML 56Page - ams AG TDC-GP21 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
4-8
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
complements of 2. Given in multiples of the reference clock.
Time = RES_X * Tref * N, with N = 1, 2 or 4
The measured time interval may not exceed otherwise the ALU will go into overflow and will
write the data ’hFFFFFFFF to the output register.
The configuration of the ALU allows only one hit calculation at the time. In case mor e than
one hit has been measured it is necessary to write new commands to HIT1/HIT2 to
instruct the ALU for calculating the other hits. After writing to HIT1/HIT2 it is necessary
to wait for minimum t.b.d. µs (calibrated data) or t.b.d. ns (un-calibrated data) before
reading or writing again to HIT1/HIT2.
Reading Calibration Raw Data
The calibration data are not addressed directly after the calibration measurement but
after the next regular measurement, before the next INIT.
At the end the TDC-GP21 has to be initialized again to be ready for the next measurement.
This is done by sending the opcode “Init“ so that the TDC accepts new Start and Stop hits.
Source Code Example:
//--------------------------------------------------------------------------
// 1st Measurement plus calibration data readout
gp21_send_1byte(Bus_Type, Init);
// Wait for INT Slot_x
Wait_For_Interrupt(Bus_Type);
// First regular measurement (to readout calibration raw data)
Result = gp21_read_n_bytes(Bus_Type, 4 ,0xB0 ,0x00 ,16);
// readout the new calibration data from result register adr 0x01
gp21_wr_config_reg(Bus_Type, 0x81, 0x67490000);
Diff_Cal2_Cal1 = gp21_read_n_bytes(Bus_Type, 4, 0xB0 ,0x01 ,16);
//--------------------------------------------------------------------------
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com