Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 33 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 33 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 29Page - ams AG TDC-GP21 Datasheet HTML 30Page - ams AG TDC-GP21 Datasheet HTML 31Page - ams AG TDC-GP21 Datasheet HTML 32Page - ams AG TDC-GP21 Datasheet HTML 33Page - ams AG TDC-GP21 Datasheet HTML 34Page - ams AG TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
3-8
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
Parameter
Description
Settings
EN_INT[2:0]
Activates interrupt sources wired by OR.
Additional bit in register 6 (see there, too)
Bit 31 = Timeout interrupt enable
Bit 30 = End Hits interrupt enable
Bit 29 = ALU interrupt enable
Reg6, BIT21 = End of EEPROM action
RFEDGE2
Edge sensitivity channel 2
0 = rising or falling edge
1 = rising and falling edge
RFEDGE1
Edge sensitivity channel 1
0 = rising or falling edge
1 = rising and falling edge
DELVAL1
Delay value for internal stop enable unit, hit 1
channel 1. Fixed point number with 14
integer and 5 fractional digits in multiples of
Tref
DELVAL1 = 0 to 16383.96875
Mandatory: If EN_ANALOG = 0 then set
DELVAL1 = 0
ID2
Free bits, e.g. to be used as identification or
version number
Register 3 (address 3):
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7-0
k.d.
DELVAL2
ID3
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 0
Parameter
Description
Settings
EN_ERR_VAL
Timeout forces ALU to write ‘hFFFFFFFF
into the output register
0 = disabled
1 = enabled
SEL_TIMO_MB2
Select predivider for timeout in
measurement mode 2
0 = 64 µs
1 = 256 µs
2 = 1024 µs
3 = 4096 µs recommended
@ 4 MHz ClkHS
DELVAL2
Delay value for internal stop enable unit, hit
2 channel 1. Fixed point number with 14
DELVAL2 = 0 to 16383.96875
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com