Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 15 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 15 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 11Page - ams AG TDC-GP21 Datasheet HTML 12Page - ams AG TDC-GP21 Datasheet HTML 13Page - ams AG TDC-GP21 Datasheet HTML 14Page - ams AG TDC-GP21 Datasheet HTML 15Page - ams AG TDC-GP21 Datasheet HTML 16Page - ams AG TDC-GP21 Datasheet HTML 17Page - ams AG TDC-GP21 Datasheet HTML 18Page - ams AG TDC-GP21 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
2-6
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
max. Gain Error
(@ dӨ = 100 K)
0,05%
0,05%
0,02%
< 0.01%
Gain-Drift vs. Temp
0.022
0.017
0.012
0.0082
%/10
K
Gain-Drift vs. Vio
0,08
%/V
Initial Zero Offset
< 20
<10
< 20
< 10
mK
Offset Drift vs. Temp
< 0.05
< 0.03
< 0,012
< 0.0082
mK/ °C
PSRR
>100
dB
1 All values measured at Vio = Vcc = 3.0 V, Cload = 100 nF for PT1000 and 200 nF for
PT500 (C0G-type)
2 measured with external 74AHC14 Schmitt trigger
3 compared to an ideal gain of 1
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com