Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 46 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 46 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG TDC-GP21 Datasheet HTML 44Page - ams AG TDC-GP21 Datasheet HTML 45Page - ams AG TDC-GP21 Datasheet HTML 46Page - ams AG TDC-GP21 Datasheet HTML 47Page - ams AG TDC-GP21 Datasheet HTML 48Page - ams AG TDC-GP21 Datasheet HTML 49Page - ams AG TDC-GP21 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4-1
4
Converter Frontend
4.1
TDC - Measurement mode 1
4.1.1
General Description
Measurement range from 3.5 ns to 2.4 µs (0 to 2.4 µs between stop channels)
2 stop channels referring to one start channel each of typ. 90 ps resolution
1 stop channel referring to one start channel with typ. 45 ps resolution
20 ns pulse pair resolution
4-fold multihit capability for each stop channel
Selectable rising/falling edge sensitivity for each channel
Enable pins for windowing functionality
The possibility to arbitrarily measure all events against each other
Typical application: Laser ToF, RF ToF, ATE
Digital TDCs use internal propagation delays of signals through gates to measure time
intervals with very high precision. Figure 5 clarifies the princip al structure of such an
absolute-time TDC. Intelligent circuit structures, redundant circuitry and special methods
of layout on the chip make it possible to reconstruct the exact number of gates passed by
the signal. The maximum possible resolution strongly depends on the maximum possible
gate propagation delay on the chip.
Figure 4.1
The measuring unit is triggered by a START signal and stopped by a STOP signal. Based on
the position of the ring oscillator and the coarse counter the time interval between START
and STOP is calculated with a 20 bit measurement range.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com