Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 48 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 48 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 44Page - ams AG TDC-GP21 Datasheet HTML 45Page - ams AG TDC-GP21 Datasheet HTML 46Page - ams AG TDC-GP21 Datasheet HTML 47Page - ams AG TDC-GP21 Datasheet HTML 48Page - ams AG TDC-GP21 Datasheet HTML 49Page - ams AG TDC-GP21 Datasheet HTML 50Page - ams AG TDC-GP21 Datasheet HTML 51Page - ams AG TDC-GP21 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4-3
a. Select measurement mode 1
Set register 0, bit 11, MESSB2 = 0.
Register 6, bit 12, DOUBLE_RES = 1 selects double resolution. With this bit set the
resolution is typ. 45 ps instead of 90 ps, but only one STOP channel is available.
b. Select the reference clock (see also section 5.1)
Register 0, bits 18 & 19 and register 6, bit 20, START_CLKHS defines the switch-on
behavior of the high-speed clock. If only the 32 kHz is used it should be “0“. If only the
high-speed clock is used it should be “1“ (continuously on).
Register 0, bits 20 & 21, DIV_CLKHS
sets an additional internal divider for
the reference clock (1, 2 or 4). This is
important for calibrated
measurements in measurement mode
1 because the ALU works correctly
only if 2*Tref(intern) is bigger than the
maximum time interval to be
measured. Otherwise the ALU output
is ’hFFFFFFFF.
Make also sure that 2*Tref(intern) <
2.4 µs to avoid a timeout during
calibration.
c. Set the number of expected hits
In register 1, bits 16 to 18 and 19 to 21, HITIN1 and HITIN2 the user has to define the
number of hits the TDC-GP21 has to wait for. A maximum of 4 on each channel is
possible. The TDC-GP21 measures until the set number of hits is registered or a timeout
occurs.
d. Select calibration
Figure 4.3
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com