Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 25 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 25 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 21Page - ams AG TDC-GP21 Datasheet HTML 22Page - ams AG TDC-GP21 Datasheet HTML 23Page - ams AG TDC-GP21 Datasheet HTML 24Page - ams AG TDC-GP21 Datasheet HTML 25Page - ams AG TDC-GP21 Datasheet HTML 26Page - ams AG TDC-GP21 Datasheet HTML 27Page - ams AG TDC-GP21 Datasheet HTML 28Page - ams AG TDC-GP21 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
2-16
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
only about 10 µs.
The average current is 4 mA/s * 10 µs = 0.040 µA.
IALU
typ. 7 nA per
calculation
Current into ALU during data proccesing including a calibration
calculation.
Example: At 1000 measurements per second with 3 stops per start
the ALU average current is 7 nA * 3000 = 21 µA.
IT
typ. 2.5 µAs
* measure rate
The current for a full temperature measurement is typ.2.5µAs.
In heat-meters the temperature is measured typically once every 30
seconds. The average current is about 0.085 µA
Iana
typ. 0.8 mA
Current consumption of the integrated analog part of TDC-GP21
during a Time-of-flight (ToF) measurement. The analog part is active
for a duration of 250 µs + ToF.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com