Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 32 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 32 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 28Page - ams AG TDC-GP21 Datasheet HTML 29Page - ams AG TDC-GP21 Datasheet HTML 30Page - ams AG TDC-GP21 Datasheet HTML 31Page - ams AG TDC-GP21 Datasheet HTML 32Page - ams AG TDC-GP21 Datasheet HTML 33Page - ams AG TDC-GP21 Datasheet HTML 34Page - ams AG TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-7
HITIN1
Number of expected hits on channel 1
0 = stop channel 1 disabled
1 = 1 hit
2 = 2 hits
3 = 3 hits
4 = 4 hits
5 to 7 = not permitted
CURR32K
Low current option for 32 kHz oscillator.
Basically there is no need to use high current
option (1). Low current (0) also guarantees
oscillation.
0 = low current (recommended)
1 = high current (GP2 compatibility)
SEL_START_FIRE
Fire pulse is used as TDC start. The START
input is disabled.
0 = TDC-GP2 behavior
1 = Use FIRE as Start
SEL_TSTO2
Defines functionality of EN_START pin.
Besides the GP2 functionality this pin can act
as output for various signals. If SEL_TSTO2 >
0 then EN_START = HIGH internally.
0 = GP2 functionality, High level enables
the START pin.
1 = START_TDC output
2 = STOP1 TDC output
3 = STOP2 TDC output
4 = Stop Temperature measurement
output
5 = “0” indicates TOF_DOWN being active,
“1” indicates TOF_UP being active
6 = n.c.
7 = 4 kHz (32 kHz/8) clock
SEL_TSTO1
Defines functionality of FIRE_IN pin. Besides
the GP2 functionality this pin can act as
output for various signals. If SEL_TSTO1 >1
the FIRE_IN is connected to GND internally.
0 = GP2 functionality, FIRE_IN input for
sing-around
1 = START_TDC output
2 = STOP1 TDC output
3 = STOP2 TDC output
4 = Start Temperature measurement
output
5 = EN_STOP by DELVAL output
6 = Comparator out
7 = 32 kHz clock
ID1
Free bits, e.g. to be used as identification or
version number
Register 2 (address 2):
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7-0
EN_INT[2:0]
DELVAL1
ID2
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 0
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com